Part Number Hot Search : 
KTA1042D 1N4735 IQ24240 TA7288P HD6303YF STUB018 STUB018 STUB018
Product Description
Full Text Search
 

To Download SB250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sb220 ... sb2100 sb220 ... sb2100 schottky barrier rectifier diodes schottky-barrier-gleichrichterdioden version 2011-10-14 dimensions - ma?e [mm] nominal current nennstrom 2 a repetitive peak reverse voltage periodische spitzensperrspannung 20...100 v plastic case kunststoffgeh?use do-15 do-204ac weight approx. C gewicht ca. 0.4 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped in ammo pack standard lieferform gegurtet in ammo-pack maximum ratings and characteristics grenz- und kennwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] forward voltage durchlass-spannung v f [v] 1 ) sb220 20 20 < 0.50 sb230 30 30 < 0.50 sb240 40 40 < 0.50 SB250 50 50 < 0.70 sb260 60 60 < 0.70 sb290 90 90 < 0.79 sb2100 100 100 < 0.79 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t a = 75c i fav 2 a 2 ) repetitive peak forward current C periodischer spitzenstrom f > 15 hz i frm 12 a 2 ) peak forward surge current, 50 hz half sine-wave sto?strom fr eine 50 hz sinus-halbwelle t a = 25c i fsm 50 a rating for fusing, t < 10 ms C grenzlastintegral, t < 10 ms t a = 25c i 2 t 12.5 a 2 s junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+150c -50...+175c leakage current sperrstrom v r = v rrm v r = v rrm t j = 25c t j = 100c i r i r < 0.5 ma < 5 ma thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 45 k/w 2 ) thermal resistance junction to leads w?rme widerstand sperrschicht C anschlussdraht r thl < 15 k/w 1 i f = 2 a,t j = 25c 2 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 t y p e ? 0.05 0.8 ? 0.05 3 6 2 . 5 0 . 5 6 . 3 0 . 1
sb220 ... sb2100 2 http://www.diotec.com/ ? diotec semiconductor ag 120 100 80 60 40 20 0 [%] i fav rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 [c] t a 150 100 50 0 [a] i f forward characteristics (typical values) durchlasskennlinien (typische werte) 0 v f 0.4 0.6 [v] 1.0 10 10 1 10 10 2 -1 -2 sb290...2100 SB250...260 sb220...240 t = 25c j 10 1 10 10 10 -1 -2 -3 [ma] i r 0 v rrm 40 60 100 [%] typ. instantaneous leakage current vs. rev. voltage typ. sperrstrom (augenblickswert) . sperrspannung t = 25c j t = 125c j t = 100c j t = 50c j [pf] [v] c j v r t = 25c f = 1.0 mhz j junction capacitance vs. reverse voltage (typical) sperrschichtkapazit?t in abh. v.d. sperrspg. (typ.) peak forward surge current versus number of cycles at 50 hz durchla?-spitzenstrom in abh. von der zahl der halbwellen bei 50 hz 10 10 1 2 [a] ? f 1 10 10 [n] 10 2 3


▲Up To Search▲   

 
Price & Availability of SB250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X